Part Number Hot Search : 
K100M UF804 DSPIC33F MA4ST240 K2475 5962F9 1N5256 MICONDUC
Product Description
Full Text Search
 

To Download 82PR50LFTB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODEL 82
1/4" Diameter Single Turn Cermet Trimming Potentiometer
ELECTRICAL
1
Standard Resistance Range, Ohms Standard Resistance Tolerance Input Voltage, Maximum Slider Current, Maximum Power Rating, Watts End Resistance, Maximum Actual Electrical Travel, Nominal Dielectric Strength Insulation Resistance, Minimum Resolution Contact Resistance Variation, Maximum
ENVIRONMENTAL
10 to 1Meg 10% (<100 Ohms = 20%) 200 Vdc or rms not to exceed power rating 100mA or within rated power, whichever is less 0.5 at 70C derating to 0 at 125C 2 Ohms 220 600 Vrms 1,000 Megohms Essentially infinite 1% or 1 Ohm, whichever is greater
Seal Temperature Coefficient, Maximum Operating Temperature Range Thermal Shock Moisture Resistance Shock, 6ms Sawtooth Vibration High Temperature Exposure Rotational Life Load Life at 0.5 Watts Resistance to Solder Heat
MECHANICAL
85C Fluorinert(R) (No Leaks) 100ppm/C -55C to +125C 5 cycles, -55C to +125C (1% RT, 1%VR) Ten 24 hour cycles (1% RT, IR 100 Megohms Min.) 100G's (1% RT, 1% VR ) 20G's, 10 to 2,000 Hz (1% RT, 1% VR ) 250 hours at 125C (2% RT, 2% VR ) 200 cycles (3% RT) 1,000 hours at 70C (2% RT) 260C for 10 sec. (1% RT)
Mechanical Stops Torque, Starting Maximum Weight, Nominal
Fluorinert(R) is a registered trademark of 3M Company. Specifications subject to change without notice.
Solid 3 oz.-in. (0.021 N-m) .02 oz. (0.60 grams)
1-65
Model 82
TOP ADJUSTMENT (Inch/mm) Model 82P, 82PF
Model 82P 82PF
.025 0.635 (1) (3)
Dim. A .25 Min. 6.35 .625 Min. 15.875
.011 Min. 0.28 A Standoffs .250 .015 Dia. 6.350 0.381 .140 Max. 3.556
.10 2.54
(2) 90 5
.10 2.54
Housing Metal Terminal Pins (3) Solderable .017 .003 Dia. 0.432 0.076
.025 .005 .110 .005 Long X 0.635 0.127 2.794 0.127 Wide X .035 .005 Deep Slot 0.889 0.127
Note: Model 82P dimensions applicable to all models except as noted. .10 2.54 .10 2.54 (1) (3) .18 Min. 4.57
Model 82M
.17 4.32
.10 2.54
(2)
Model 82W .10 2.5 (1) (2) (3) .10 2.5 .18 4.57 Min.
.21 5.3 .020 Min. 0.51 Standoffs
SIDE ADJUSTMENT (Inch/mm) .36 9.14 .205 .015 5.207 0.381 Housing: Metal Case: Plastic
Model 82PA .185 .015 4.669 0.381 .25 Min. 6.35 .012 Min. 0.305
.10 2.54
.17 4.32
(3) (2) .10 2.54 (1) .035 0.889 .10 2.54
.28 7.11
Model No. And Resistance Value marked on this surface
1-66
Model 82
STANDARD RESISTANCE VALUES, OHMS
1 10 20 50 100 200 500 1K 2K 5K 10K 20K 25K 50K 100K 200K 250K 500K 1Meg
PACKAGING
Standard: Boxes Capacity Option: = = 50 Units (82PA, 82PF) 100 Units (All other styles)
Tubes All units oriented with #1 pin to same side. Pin Style Width Height Length Capacity PA 0.28" 0.94" 15.6" 50 Units P,M,W 0.34" 0.65" 27.5" 100 Units
Magazine
= = = =
Option:
Tape & Reel, Ammo Pack (Available for 82W Only) All units oriented with #1 pin to the right of the direction of feed. Seat Plane to Centerline of Sprocket Hole Width Sprocket Capacity Diameter Tape Fold Box
Tape
Reel Ammo
= = = = = = =
.71" (18.03 mm) 18 mm Single Hole .50" spacing 1,000 Units 14" (356 mm) 12" (305 mm) 1.5" x 13" x 10"
1-67
Model 82
ORDERING INFORMATION
Standard: Model Series Pin Style
82 P R 10K LF RoHS Compliant Product Code - Optional Resistance Value Resistance Prefix 82 W R 10K LF TB Pin Style Packaging Option: TB = Tubes (Pin styles P, PA, M, W) RoHS Compliant Product Code - Optional 82 W F R 10K LF TR Pin Style Pin Style Suffix: (Used with AP and TR packaging options. Applicable to pin styles W only. "F" designates 0.60" lead length.) Packaging Option: AP = Ammo pack TR = Tape & Reel (Pin styles W, X only) RoHS Compliant Product Code - Optional
Option:
Option:
CIRCUIT DIAGRAM
NOTES
Metric equivalents, based on 1 inch = 25.4mm are rounded to the same number of significant figures as in the original English units and are provided for general information only. Tolerances unless otherwise specified: Linear = .01 inches (.25mm) Angular = 2 degrees
(2) (1) CW (3)
INCH mm
1-68
Model 82


▲Up To Search▲   

 
Price & Availability of 82PR50LFTB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X